Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 25 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 21Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 22Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 23Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 27Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 28Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 230 page
background image
General Description
VDD and VSS Pins
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
General Description
1.6 VDD and VSS Pins
Power is supplied to the MCU through VDD and VSS. VDD is the positive
supply, and VSS is ground. The MCU operates from a single power
supply.
Very fast signal transitions occur on the MCU pins. The short rise and
fall times place very high short-duration current demands on the power
supply. To prevent noise problems, special care should be taken to
provide good power supply bypassing at the MCU by using bypass
capacitors with good high-frequency characteristics that are positioned
as close to the MCU as possible. Bypassing requirements vary,
depending on how heavily the MCU pins are loaded.
1.7 OSC1 and OSC2 Pins
The OSC1 and OSC2 pins are the connections for the external pin
oscillator (EPO). The OSC1 and OSC2 pins can accept the following
sets of components:
1. A crystal as shown in Figure 1-3 (a)
2. A ceramic resonator as shown in Figure 1-3 (a)
3. An external resistor as shown in Figure 1-3 (b)
4. An external clock signal as shown in Figure 1-3 (c)
The selection of the crystal/ceramic resonator or RC oscillator
configuration is done by product part number selection as described in
Section 17. Ordering Information.
The frequency, fosc, of the EPO or external clock source is divided by two
to produce the internal operating frequency, fOP. An internal 2 MΩ
resistor may be selected between OSC1 and OSC2 by the OSCRES bit
in the mask option register (MOR).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com