Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 78 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 78 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 75Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 76Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 77Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 78Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 79Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 80Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 81Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 82Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 230 page
background image
Parallel Input/Output
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Parallel Input/Output
7.2 Introduction
The MC68HC705JJ7 has 14 bidirectional I/O pins which form two
parallel I/O ports, A and B. The MC68HC705JP7 has 22 bidirectional I/O
pins which form three parallel I/O ports, A, B and C. Each I/O pin is
programmable as an input or an output. The contents of the data
direction registers determine the data direction of each of the I/O pins.
All I/O pins have software programmable pulldown devices which can be
enabled or disabled globally by the SWPDI bit in the mask option register
(MOR).
7.3 Port A
Port A is a 6-bit, general-purpose bidirectional I/O port with these
features:
•
Individual programmable pulldown devices
•
High current sinking capability on all port A pins, with a maximum
total for port A
•
High current sourcing capability on all port A pins, with a maximum
total for port A
•
External interrupt capability (pins PA3–PA0)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com