Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 57 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 53Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 54Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 55Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 56Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 57Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 58Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 59Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 60Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 230 page
background image
Interrupts
Serial Interrupts
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Interrupts
4.8.3 Timer Overflow Interrupt
A timer overflow interrupt occurs if the timer overflow flag (TOF)
becomes set while the timer overflow interrupt enable bit (TOIE) is also
set. The TOF flag bit is in the TSR and the TOIE enable bit is in the TCR.
The TOF flag bit is cleared by a read of the TSR with the TOF flag bit set,
and then followed by an access to the LSB of the timer registers (TMRL)
or by reset. The TOIE enable bit is unaffected by reset.
4.9 Serial Interrupts
The simple serial interface can generate the following interrupts:
•
Receive sequence complete
•
Transmit sequence complete
Setting the I bit in the condition code register disables serial interrupts.
The controls for these interrupts are in the serial control register (SCR)
located at $000A and in the status bits in the serial status register (SSR)
located at $000B.
A transfer complete interrupt occurs if the serial interrupt flag (SPIF)
becomes set while the serial interrupt enable bit (SPIE) is also set. The
SPIF flag bit is in the serial status register (SSR) located at $000B, and
the SPIE enable bit is located in the serial control register (SCR) located
at $000A. The SPIF flag bit is cleared by a read of the SSR with the SPIF
flag bit set, and then followed by a read or write to the serial data register
(SDR) located at $000C. The SPIF flag bit can also be reset by writing a
one to the SPIR bit in the SCR.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com