Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 37 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 37 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 33Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 34Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 35Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 41Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 230 page
background image
Memory
EPROM
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Memory
2.7 EPROM
The EPROM is located in two areas of the memory map:
•
Addresses $0700–$1EFF contain 6144 bytes of user EPROM.
•
Addresses $1FF0–$1FFF contain 16 bytes of EPROM reserved
for user vectors and COP and security register, and the mask
option register.
2.8 COP Register
As shown in Figure 2-6, a register location is provided at $1FF0 to set
the EPROM security1, select the optional features, and reset the COP
watchdog timer. The OPT bit controls the function of the PB4 port pin
and the availability to add an offset to any measured analog voltages.
See 8.5 Analog Status Register for more information
1. No security feature is absolutely secure. However, Motorola’s strategy is to make reading or
copying the EPROM/OTPROM difficult for unauthorized users.
$1FF0
Bit 7
6
54321
Bit 0
Read:
EPMSEC
OPT
Write:
COPC
= Unimplemented
Figure 2-6. COP and Security Register (COPR)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com