Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 28 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 28 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 24Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 25Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 26Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 27Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 28Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 29Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 30Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 31Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 230 page
background image
General Description
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Description
1.8 RESET Pin
The RESET pin can be used as an input to reset the MCU to a known
startup state by pulling it to the low state. It also functions as an output
to indicate that an internal COP watchdog, illegal address, or low-voltage
reset has occurred. The RESET pin contains a pullup device to allow the
pin to be left disconnected without an external pullup resistor. The
RESET pin also contains a steering diode that, when the power is
removed, will discharge to VDD any charge left on an external capacitor
connected between the RESET pin and VSS. The RESET pin also
contains an internal Schmitt trigger to improve its noise immunity as an
input.
1.9 IRQ/VPP Pin
The IRQ/VPP input pin drives the asynchronous IRQ interrupt function of
the CPU. The IRQ interrupt function uses the LEVEL bit in the MOR to
provide either negative edge-sensitive triggering or both negative edge-
sensitive and low level-sensitive triggering. If the LEVEL bit is set to
enable level-sensitive triggering, the IRQ/VPP pin requires an external
resistor to VDD for “wired-OR” operation. If the IRQ/VPP pin is not used,
it must be tied to the VDD supply. The IRQ/VPP pin contains an internal
Schmitt trigger as part of its input to improve noise immunity. The voltage
on this pin may affect the mode of operation if the voltage on the
IRQ/VPP pin is above VDD when the device is released from a reset
condition.
The IRQ/VPP pin may be taken above VDD in order to program an
EPROM memory location or personality EPROM bit. For more
information, refer to 15.14 PEPROM and EPROM Programming
Characteristics.
NOTE:
Each of the PA0 through PA3 I/O pins may be connected as an OR
function with the IRQ interrupt function by the PIRQ bit in the MOR. This
capability allows keyboard scan applications where the transitions or
levels on the I/O pins will behave the same as the IRQ/VPP pin, except
that active transitions and levels are inverted. The edge or level
sensitivity selected by the LEVEL bit in the MOR for the IRQ/VPP pin also
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com