Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 40 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 36Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 37Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 38Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 39Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 40Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 41Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 42Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 43Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 230 page
background image
Central Processor Unit (CPU)
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Central Processor Unit (CPU)
3.2 Introduction
This section describes the CPU registers. Figure 3-1 shows the five
CPU registers. CPU registers are not part of the memory map.
Figure 3-1. 68HC05 Programming Model
3.3 Accumulator (A)
The accumulator is a general-purpose 8-bit register as shown in Figure
3-2. The CPU uses the accumulator to hold operands and results of
arithmetic and non-arithmetic operations.
ACCUMULATOR (A)
A
INDEX REGISTER (X)
X
SP
11
00
00
0
00
0
PCL
PCH
11
1
ZC
IN
1H
11
0
4
75
CONDITION CODE REGISTER (CCR)
PROGRAM COUNTER (PC)
STACK POINTER (SP)
0
7
8
15
15
5
7
7
0
0
0
HALF-CARRY FLAG
INTERRUPT MASK
NEGATIVE FLAG
ZERO FLAG
CARRY/BORROW FLAG
10
6
Bit 7
654321
Bit 0
Read:
Write:
Reset:
Unaffected by Reset
Figure 3-2. Accumulator (A)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com