Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 71 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 67Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 68Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 69Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 70Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 71Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 72Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 73Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 74Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 230 page
background image
Operating Modes
Low-Power Modes
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Operating Modes
Therefore, the lowest power is consumed when OM1 is cleared. The
state with both OM1 and OM2 set is provided so that the EPO can be
started up and allowed to stabilize while the LPO still clocks the MCU.
NOTE:
When switching from LPO to EPO, the user must be careful to ensure
that the EPO has been enabled and powered up long enough to stabilize
before shifting clock sources.
IRQF — External Interrupt Request Flag
The IRQF flag is a clearable, read-only bit that is set when an external
interrupt request is pending. Refer to Section 4. Interrupts for more
details.
IRQR — Interrupt Request Reset
This write-only bit clears the IRQF flag bit and prevents redundant
execution of interrupt routines. Refer to Section 4. Interrupts for
more details.
6.4 Low-Power Modes
Four modes of operation reduce power consumption:
•
Stop mode
•
Wait mode
•
Halt mode
•
Data-retention mode
Figure 6-2 shows the sequence of events in stop, wait, and halt modes.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com