Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 160 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 160 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 156Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 157Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 158Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 159Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 160Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 161Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 162Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 163Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 164Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 230 page
background image
Programmable Timer
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Programmable Timer
NOTE:
To prevent interrupts from occurring between readings of the TMRH and
TMRL, set the I bit in the condition code register (CCR) before reading
TMRH and clear the I bit after reading TMRL.
11.4 Alternate Counter Registers (ACRH and ACRL)
The functional block diagram of the 16-bit free-running timer counter and
alternate counter registers is shown in Figure 11-4. The alternate
counter registers behave the same as the timer registers, except that
any reads of the alternate counter will not have any effect on the TOF
flag bit and timer interrupts. The alternate counter registers include a
transparent buffer latch on the LSB of the 16-bit timer counter.
Figure 11-4. Alternate Counter Block Diagram
The alternate counter registers (ACRH and ACRL) shown in
Figure 11-5 are read-only locations which contain the current high and
low bytes of the 16-bit free-running counter. Writing to the alternate
counter registers has no effect. Reset of the device presets the timer
counter to $FFFC.
ACRH ($001A)
TMR LSB
16-BIT COUNTER
÷ 4
INTERNAL
(OSC
÷ 2)
RESET
CLOCK
ACRL ($001B)
INTERNAL
($FFFC)
DATA
READ
ACRH
READ
ACRL
READ
LATCH
BUS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com