Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 176 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 176 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 172Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 173Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 174Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 175Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 176Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 177Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 178Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 179Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 180Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 230 page
background image
Personality EPROM
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Personality EPROM
12.4 PEPROM Programming
Factory-provided software for programming the PEPROM is available
through the Motorola Freeware Bulletin Board Service (BBS). The
number is (512) 891-FREE. After making the connection, type bbs in
lowercase letters. Then press the return key to start the BBS software.
NOTE:
While the PEPGM bit is set and the VPP voltage level is applied to the
IRQ/VPP pin, do not access bits that are to be left unprogrammed
(erased).
To program the PEPROM bits properly, the VDD voltage must be greater
than 4.5 Vdc.
The PEPROM can also be programmed by user software with the VPP
voltage level applied to the IRQ/VPP pin. The following sequence shows
how to program each PEPROM bit:
1. Select a PEPROM bit by writing to the PEBSR.
2. Set the PEPGM bit in the PESCR.
3. Wait for the programming time, tEPGM.
4. Clear the PEPGM bit.
5. Move to next PEPROM bit to be programmed in step 1.
12.5 PEPROM Reading
The following sequence shows how to read the PEPROM:
1. Select a bit by writing to the PEBSR.
2. Read the PEDATA bit in the PESCR.
3. Store the PEDATA bit in RAM or in a register.
4. Select another bit by changing the PEBSR.
5. Continue reading and storing the PEDATA bits until the required
personality EPROM data is retrieved and stored.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com