Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 199 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 199 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 195Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 196Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 197Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 198Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 199Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 200Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 201Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 202Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 203Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 230 page
background image
Instruction Set
Instruction Set Summary
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Instruction Set
BIH
rel
Branch if IRQ/VPP Pin High
PC
← (PC) + 2 + rel ? IRQ = 1
—————
REL
2F
rr
3
BIL
rel
Branch if IRQ/VPP Pin Low
PC
← (PC) + 2 + rel ? IRQ = 0
—————
REL
2E
rr
3
BIT #
opr
BIT
opr
BIT
opr
BIT
opr,X
BIT
opr,X
BIT ,X
Bit Test Accumulator with Memory Byte
(A)
∧ (M)
— — ¤
¤ —
IMM
DIR
EXT
IX2
IX1
IX
A5
B5
C5
D5
E5
F5
ii
dd
hh ll
ee ff
ff
2
3
4
5
4
3
BLO
rel
Branch if Lower (Same as BCS)
PC
← (PC) + 2 + rel ? C = 1
—————
REL
25
rr
3
BLS
rel
Branch if Lower or Same
PC
← (PC) + 2 + rel ? C ∨ Z = 1 —————
REL
23
rr
3
BMC
rel
Branch if Interrupt Mask Clear
PC
← (PC) + 2 + rel ? I = 0
—————
REL
2C
rr
3
BMI
rel
Branch if Minus
PC
← (PC) + 2 + rel ? N = 1
—————
REL
2B
rr
3
BMS
rel
Branch if Interrupt Mask Set
PC
← (PC) + 2 + rel ? I = 1
—————
REL
2D
rr
3
BNE
rel
Branch if Not Equal
PC
← (PC) + 2 + rel ? Z = 0
—————
REL
26
rr
3
BPL
rel
Branch if Plus
PC
← (PC) + 2 + rel ? N = 0
—————
REL
2A
rr
3
BRA
rel
Branch Always
PC
← (PC) + 2 + rel ? 1 = 1
—————
REL
20
rr
3
BRCLR
n opr rel Branch if Bit n Clear
PC
← (PC) + 2 + rel ? Mn = 0
———— ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BRN
rel
Branch Never
PC
← (PC) + 2 + rel ? 1 = 0
—————
REL
21
rr
3
BRSET
n opr rel Branch if Bit n Set
PC
← (PC) + 2 + rel ? Mn = 1
———— ¤
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
BSET
n opr
Set Bit n
Mn
← 1
—————
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
BSR
rel
Branch to Subroutine
PC
← (PC) + 2; push (PCL)
SP
← (SP) – 1; push (PCH)
SP
← (SP) – 1
PC
← (PC) + rel
—————
REL
AD
rr
6
CLC
Clear Carry Bit
C
← 0
———— 0
INH
98
2
CLI
Clear Interrupt Mask
I
← 0
— 0 — — —
INH
9A
2
Table 14-6. Instruction Set Summary (Continued)
Source
Form
Operation
Description
Effect on
CCR
HIN Z C
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com