Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 107 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 107 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 103Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 104Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 105Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 106Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 107Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 108Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 109Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 110Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 111Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 230 page
background image
Analog Subsystem
Analog Multiplex Register
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
General Release Specification
Analog Subsystem
Figure 8-3. Comparator 2 Input Circuit
-
+
COMP2
SAMPLE
HOLD
DHOLD
CAP
TEMPERATURE
DIODE
INTERNAL
VOFF
VSS
OFFSET
OPT (MOR)
CHANNEL
PB0
SELECTION
BUS
VDD
Table 8-1 Comparator 2 Input Sources
Case
HOLD
(AMUX)
DHOLD
(AMUX)
OPT
(MOR)
VOFF
(ASR)
Voltage
Offset
Source To Negative Input
of Comparator 2
Hold
Sample
Voltage
00
0X
No
Sample capacitor connected to comparator
2 negative input; very low leakage current.
10
11
Yes
Sample capacitor connected to comparator
2 negative input; bottom of capacitor
offset from VSS by approximately 100 mV,
very low leakage current.
Divided
Input
01
X
X
No
Signal on channel selection bus is divided
by 2 and connected to sample capacitor
and comparator 2 negative input
Direct
Input
10
X
X
No
Signal on channel selection bus is
connected directly to sample capacitor
and comparator 2 negative input.
Internal
Temperature
Diode
11
X
X
No
Internal temperature sensing diode
connected directly to sample capacitor
and comparator 2 negative input.
X = Don’t Care
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com