Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 116 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 116 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 112Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 113Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 114Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 115Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 116Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 117Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 118Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 119Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 120Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
CPFR2
Writing a logical one to this write-only flag clears the CPF2 flag in the
ASR. Writing a logical zero to this bit has no effect. Reading the
CPFR2 bit will return a logical zero. By default, this bit looks cleared
following a reset of the device.
1 = Clears the CPF2 flag bit
0 = No effect
CPFR1
Writing a logical one to this write-only flag clears the CPF1 flag in the
ASR. Writing a logical zero to this bit has no effect. Reading the
CPFR1 bit will return a logical zero. By default, this bit looks cleared
after a reset of the device.
1 = Clears the CPF1 flag bit
0 = No effect
NOTE:
The CPFR1 and CPFR2 bits should be written with logical ones following
a power up of either comparator. This will clear out any latched CPF1 or
CPF2 flag bits which might have been set during the slower power up
sequence of the analog circuitry.
If both inputs to a comparator are above the maximum common-mode
input voltage (VDD –1.5V) the output of the comparator is indeterminate
and may set the comparator flag. Applying a reset to the device may only
temporarily clear this flag as long as both inputs of a comparator remain
above the maximum common-mode input voltages.
VOFF
This read-write bit controls the addition of an offset voltage to the
bottom of the sample capacitor. It is not active unless the OPT bit in
the COPR at location $1FF0 is set. Any reads of the VOFF bit location
return a logical zero if the OPT bit is clear. During the time that the
sample capacitor is connected to an input (either HOLD or DHOLD
set) the bottom of the sample capacitor is connected to VSS. The
VOFF bit is cleared by a reset of the device. For more information see
8.11 Sample and Hold.
1 = Enables approximately 100 mV offset to be added to the
sample voltage when both the HOLD and DHOLD control bits
are cleared
0 = Connects the bottom of the sample capacitor to VSS
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com