Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HC705JJ7GRS/D Datasheet(PDF) 124 Page - NXP Semiconductors

Part # HC705JJ7GRS/D
Description  Low-Cost, HC05 Core MCU in 20-Pin Package (MC68HC705JJ7) or 28-Pin Package (MC68HC705JP7)
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HC705JJ7GRS/D Datasheet(HTML) 124 Page - NXP Semiconductors

Back Button HC705JJ7GRS/D Datasheet HTML 120Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 121Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 122Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 123Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 124Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 125Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 126Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 127Page - NXP Semiconductors HC705JJ7GRS/D Datasheet HTML 128Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 230 page
background image
Analog Subsystem
General Release Specification
MC68HC705JJ7/MC68HC705JP7 — Rev. 3.0
Analog Subsystem
Figure 8-8. A/D Conversion — Full Manual Control (Mode 0)
tDIS
(MIN)
tCHG x ICHG
CEXT
tCHG
tDIS
VX =
tMAX
VMAX
CHG
COMP2
0
TOF
OCF
ICF
(MIN)
VCAP
tDIS
VX
2
3
4
1
5
1
Point
Action
Software/Hardware Action
Dependent Variable(s)
0
Begin initial discharge and select mode 0
by clearing the CHG, ATD2, and ATD1
control bits in the ACR.
Software write
Software
1VCAP falls to VSS.
Wait out minimum tDIS time
VMAX, IDIS, CEXT
2
Stop discharge and begin charge by setting
CHG control bit in ACR.
Software write
Software
3
VCAP rises to VX and comparator 2 output
trips, setting CPF2 and CMP2.
Wait out tCHG time
VX, ICHG, CEXT
4VCAP reaches VMAX.
None
VMAX, ICHG, CEXT
5
Begin next discharge by clearing the CHG
control bit in the ACR. Reset CPF2 by
writing a “1” to CPFR2.
Software write
Software
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com