Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 146 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 146 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 142Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 143Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 144Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 145Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 146Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 147Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 148Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 149Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 150Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 159 page
background image
Package information
STM32G0C1xC/xE
146/159
DS13564 Rev 4
6.8
LQFP80 package information
This LQFP is an 80 pin, 12 x 12 mm low-profile quad flat package.
Figure 58. LQFP80 package outline
1. Drawing is not to scale.
Table 89. LQFP80 package mechanical data
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
A
-
-
1.600
-
-
0.0630
A1
0.050
-
0.150
0.0020
-
0.0059
A2
1.350
1.400
1.450
0.0531
0.0551
0.0571
b
0.170
0.220
0.270
0.0067
0.0087
0.0106
c
0.090
-
0.200
0.0035
-
0.0079
D
-
14.000
-
-
0.5512
-
D1
-
12.000
-
-
0.4724
-
SECTION A-A
GAUGE PLANE
B
B
H
L
S
R1
R2
SECTION B-B
b
b1
c
c1
WITH
PLATING
BASE METAL
1
3
2
(L1)
(2)
(11)
(9) (11)
(11)
(11)
(11)
(1)
D 1/4
E 1/4
(6)
4x
bbb H A-B D
aaa C A-B D
4x N/4 TIPS
(12)
A2
(13)
(N – 4)x
e
A1
A
ddd
C A-B D
0.05
b
C
ccc C
(10)
(2) (5)
D1
D
D (3)
(4)
D 1/4
(3) A
(6)
E 1/4
(3)
E1
(4)
E
B
(5)
(2)
N
1
2
3
A
(Section A-A)
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com