Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 149 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 145Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 146Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 147Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 148Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 149Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 150Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 151Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 152Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 159 page
background image
DS13564 Rev 4
149/159
STM32G0C1xC/xE
Package information
154
6.9
UFBGA100 package information
UFBGA100 is a 100-ball, 7 x 7 mm, 0.5 mm pitch ultra-fine-profile ball grid array package.
Figure 61. UFBGA100 package outline
1. Drawing is not to scale.
Table 90. UFBGA100 package mechanical data
Symbol
millimeters
inches(1)
Min.
Typ.
Max.
Min.
Typ.
Max.
A
-
-
0.600
-
-
0.0236
A1
-
-
0.110
-
-
0.0043
A2
-
0.450
-
-
0.0177
-
A3
-
0.130
-
-
0.0051
0.0094
A4
-
0.320
-
-
0.0126
-
b
0.240
0.290
0.340
0.0094
0.0114
0.0134
D
6.850
7.000
7.150
0.2697
0.2756
0.2815
D1
-
5.500
-
-
0.2165
-
E
6.850
7.000
7.150
0.2697
0.2756
0.2815
E1
-
5.500
-
-
0.2165
-
e
-
0.500
-
-
0.0197
-
Z
-
0.750
-
-
0.0295
-
ddd
-
-
0.080
-
-
0.0031
A0C2_ME_V5
Seating plane
A1
e
Z
Z
D
M
Øb (100 balls)
A
E
TOP VIEW
BOTTOM VIEW
1
12
A1 ball
identifier
e
A
A2
Y
X
Z
ddd Z
D1
E1
eee
ZY X
fff
Ø
Ø
M
M
Z
A3
A4
A1 ball
index area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com