Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32G0C1NET7 Datasheet(PDF) 147 Page - STMicroelectronics

Part # STM32G0C1NET7
Description  Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM,6x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G0C1NET7 Datasheet(HTML) 147 Page - STMicroelectronics

Back Button STM32G0C1NET7 Datasheet HTML 143Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 144Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 145Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 146Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 147Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 148Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 149Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 150Page - STMicroelectronics STM32G0C1NET7 Datasheet HTML 151Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 159 page
background image
DS13564 Rev 4
147/159
STM32G0C1xC/xE
Package information
154
Figure 59. LQFP80 - Recommended footprint
1. Dimensions are expressed in millimeters.
D2
-
9.500
-
-
0.3740
-
E
-
14.000
-
-
0.5512
-
E1
-
12.000
-
-
0.4724
-
E3
-
9.500
-
-
0.3740
-
e
-
0.500
-
-
0.0197
-
L
0.450
0.600
0.750
0.0177
0.0236
0.0295
L1
-
1.000
-
-
0.0394
-
ccc
-
-
0.080
-
-
0.0031
θ
0.0°
-
7.0°
0.0°
-
7.0°
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Table 89. LQFP80 package mechanical data (continued)
Dim.
mm
inches(1)
Min
Typ
Max
Min
Typ
Max
1.2
14.70
9.80
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com