Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 116 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 116 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 112Page - STMicroelectronics SN250Q Datasheet HTML 113Page - STMicroelectronics SN250Q Datasheet HTML 114Page - STMicroelectronics SN250Q Datasheet HTML 115Page - STMicroelectronics SN250Q Datasheet HTML 116Page - STMicroelectronics SN250Q Datasheet HTML 117Page - STMicroelectronics SN250Q Datasheet HTML 118Page - STMicroelectronics SN250Q Datasheet HTML 119Page - STMicroelectronics SN250Q Datasheet HTML 120Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 130 page
background image
Functional description—application modules
SN250
116/130
7.7
Integrated voltage regulator
The SN250 integrates a low dropout regulator to provide an accurate core voltage at a low
quiescent current. Table 38 lists the specifications for the integrated voltage regulator. With
the regulator enabled, the pads supply voltage VDD_PADS is stepped down to the 1.8V
regulator output VREG_OUT. The VREG_OUT signal must be externally decoupled and
routed to the 1.8V core supply pins VDD_24MHZ, VDD_VCO, VDD_RF, VDD_IF,
VDD_PRE, VDD_SYNTH, VDD_PADSA, VDD_CORE, and VDD_FLASH.
In addition, the regulator can be operated with several configurations of external load
capacitors and decoupling capacitors. The SN250 Reference Design details the different
configurations recommended by ST.
Instead of using the internal regulator, an external regulator may be used. During deep
sleep this external regulator can be disabled from the SN250 with the open collector
REG_EN signal driving low. An external pull-up is required to release this signal to indicate
that 1.8V core supply should be provided. The REG_EN signal is available as an alternate
function on GPIO pins. For selecting alternate pin-functions, refer to Table 17.
Table 38.
Integrated voltage regulator specifications
Spec Point
Min.
Typ.
Max.
Units
Comments
Supply range for regulator
2.1
3.6
V
VDD_PADS
Regulated output
1.7
1.8
1.9
V
PSRR
− 40
dB
@100kHz
Supplied current
0
50
mA
Current
200
μA
No load current (bandgap,
regulator, feedback)
Quiescent current
10
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com