Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 118 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 118 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 114Page - STMicroelectronics SN250Q Datasheet HTML 115Page - STMicroelectronics SN250Q Datasheet HTML 116Page - STMicroelectronics SN250Q Datasheet HTML 117Page - STMicroelectronics SN250Q Datasheet HTML 118Page - STMicroelectronics SN250Q Datasheet HTML 119Page - STMicroelectronics SN250Q Datasheet HTML 120Page - STMicroelectronics SN250Q Datasheet HTML 121Page - STMicroelectronics SN250Q Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 130 page
background image
Typical application
SN250
118/130
9
Typical application
Figure 16 illustrates the typical application circuit for the SN250. This figure does not contain
all decoupling capacitance required by the SN250. The Balun provides the impedance
transformation from the antenna to the SN250 for both TX and RX modes. The harmonic
filter provides additional suppression of the second harmonic, which increases the margin
over the FCC limit. The 24MHz crystal with loading capacitors is required and provides the
high frequency source for the SN250. The 32.768kHz crystal generates the clock source for
the Sleep Timer, but it is not mandatory as the internal RC Oscillator can be used. The RC
debounce filter (R4 and C9) is suggested to improve the noise immunity of the RESET logic
(pin 13).
Figure 16.
Typical application circuit
Table 39 contains the bill of materials for the application circuit shown in Figure 16.
Optional
VDD_24MHZ
VDD_VCO
RF_N
RF_P
VDD_RF
RF_TX_ALT_P
RF_TX_ALT_N
VDD_IF
BIAS_R
VDD_PADSA
TX_ACTIVE
SIF_MOSI
SIF_MISO
SIF_CLK
GPIO10, RXD, MI, MSCL, TMR1IB.2
GPIO9, TXD, MO, MSDA, TMR1IA.2
GPIO8, VREF, TMR1CLK, TMR2ENMSK, IRQA
GPIO7, ADC3, REG_EN
GPIO6, ADC2, TMR2CLK,TMR1ENMSK
VDD_PADS
GPIO5, ADC1, PTI_DATA
GPIO4, ADC0, PTI_EN
GPIO3, nSSEL, TMR1IB.1
13
14
15
16
17
18
19
20
21
22
23
24
12
11
VDD_PADSA
10
9
8
7
6
5
4
3
2
1
25
26
27
28
29
30
31
32
33
34
35
36
48
47
46
45
44
43
42
41
40
39
38
37
49
GND
SN250
Ceramic
Balun (BLN1)
L2
L1
C2
C1
C3
1.8V
R1
C4
C5
X1
X2
C6
C7
1.8V
VDD_PADS
(2.1V to 3.6V)
C8
Programming and
Debug Interface (these
pins should be routed
to test points)
U1
R2
Harmonic
Filter
R3
C9
R4
VDD_PADS
(2.1V to 3.6V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com