Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN250Q Datasheet(PDF) 119 Page - STMicroelectronics

Part # SN250Q
Description  Single-chip ZigBee/802.15.4 solution
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SN250Q Datasheet(HTML) 119 Page - STMicroelectronics

Back Button SN250Q Datasheet HTML 115Page - STMicroelectronics SN250Q Datasheet HTML 116Page - STMicroelectronics SN250Q Datasheet HTML 117Page - STMicroelectronics SN250Q Datasheet HTML 118Page - STMicroelectronics SN250Q Datasheet HTML 119Page - STMicroelectronics SN250Q Datasheet HTML 120Page - STMicroelectronics SN250Q Datasheet HTML 121Page - STMicroelectronics SN250Q Datasheet HTML 122Page - STMicroelectronics SN250Q Datasheet HTML 123Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
SN250
Typical application
119/130
Table 39.
Bill of materials
Item Quantity Reference
Description
Manufacturer
1
1
C1
Capacitor, 8.2 pF, 50 V, NPO, 0402
<not specified>
2
2
C2, C3
Capacitor, 0.5 pF, 50 V, NPO, 0402
<not specified>
3
2
C6,C7
Capacitor, 22 pF, 50 V, NPO, 0402
<not specified>
4
4
C4,C5
Capacitor, 27 pF, 50 V, NPO, 0402
<not specified>
51
C8
Capacitor, 10
μF, 10 V, tantalum,
3216 (size A)
<not specified>
6
1
C9
Capacitor, 10 pF, 5 V, NPO, 0402
<not specified>
7
1
L1
Inductor, 2.7 nH,
± 5%, 0603, Multilayer
MURATA
LQG18HN2N7
8
1
L2
Inductor, 3.3 nH, ± 5%, 0603, Multilayer
MURATA
LQG18HN3N3
9
1
R1
Resistor, 169 k
Ω, 1%, 0402
<not specified>
10
1
R2
Resistor, 100 k
Ω, 5%, 0402
<not specified>
11
1
R3
Resistor, 3.3 k
Ω, 5%, 0402
<not specified>
12
1
R4
Resistor, 3.3 k
Ω, ±5%, 0402
<not specified>
13
1
U1
SN250 Single-chip ZigBee/802.15.4
solution
STMicroelectronics
SN250
14
1
X1
Crystal, 24.000 MHz, ± 10PPM
tolerance, ± 25PPM stability, 18 pF,
-40°C to
+85°C
ILSI
ILCX08-JG5F18-24.000MHz
15
1
X2
(Optional)
Crystal, 32.768 kHz, ± 20PPM
tolerance, 12.5 pF, -40°C to
+85°C
ILSI
IL3X-HX5-12.5-32.768 kHz
16
1
BLN1
Balun, ceramic
TDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com