Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 32Page - Renesas Technology Corp UPD6P9 Datasheet HTML 33Page - Renesas Technology Corp UPD6P9 Datasheet HTML 34Page - Renesas Technology Corp UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 73 page
background image
34
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
8. SYSTEM CLOCK OSCILLATOR
The system clock oscillator consists of oscillators for ceramic resonators (fX = 3.5 to 4.5 MHz).
Figure 8-1. System Clock
The system clock oscillator stops oscillating when a reset is applied or in STOP mode.
Caution When using the system clock oscillator, wire as follows in the area enclosed by the broken lines
in the above figure to avoid an adverse effect from wiring capacitance.
•
Keep the wiring length as short as possible.
•
Do not cross the wiring with the other signal lines. Do not route the wiring near a signal line
through which a high fluctuating current flows.
•
Always make the ground point of the oscillator capacitor the same potential as GND. Do not
ground the capacitor to a ground pattern through which a high current flows.
•
Do not fetch signals from the oscillator.
A capacitor (15 pF) for the oscillator can be incorporated via a mask option.
XOUT
XIN
GND
Ceramic resonator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com