Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 8Page - Renesas Technology Corp UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp UPD6P9 Datasheet HTML 10Page - Renesas Technology Corp UPD6P9 Datasheet HTML 11Page - Renesas Technology Corp UPD6P9 Datasheet HTML 12Page - Renesas Technology Corp UPD6P9 Datasheet HTML 13Page - Renesas Technology Corp UPD6P9 Datasheet HTML 14Page - Renesas Technology Corp UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
10
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
2.4 Program Memory (ROM): 1,002 Steps
× 10 Bits (
µPD67, 67A)
2,026 Steps
× 10 Bits (
µPD68, 68A)
4,074 Steps
× 10 Bits (
µPD69)
The ROM consists of 10 bits per step, and is addressed by the program counter.
The program memory stores programs and table data, etc.
The 22 steps from 7EAH to 7FFH of the
µPD67, 67A, 68, and 68A, and FEAH to FFFH of the µPD69 cannot
be used in the test program area.
Figure 2-3.
Program Memory Map
Note The unmounted area and test program area are designed so that a program or data placed in either of
them by mistake is returned to the 000H address.
10 bits
Page 0
0
3
4
7
7
7
0
3
3
7
7
7
Unmounted areaNote
Test program areaNote
Test program areaNote
Page 0
Page 1
10 bits
(a)
PD67, 67A
(b)
PD68, 68A
µµ
0
7
8
F
F
F
Test program areaNote
Page 0
10 bits
(c)
PD69
µ
3
4
B
C
Page 1
Page 2
Page 3
H
H
H
H
H
H
0
F
0
9
A
F
0
F
0
E
E
F
H
H
H
H
H
H
0
9
A
9
A
F
0
E
E
E
E
F
H
H
H
H
H
H
H
H
H
H
0
F
0
9
A
F
F
0
F
0
0
F
0
E
E
F
F
0
F
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com