Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 67 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 67 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 63Page - Renesas Technology Corp UPD6P9 Datasheet HTML 64Page - Renesas Technology Corp UPD6P9 Datasheet HTML 65Page - Renesas Technology Corp UPD6P9 Datasheet HTML 66Page - Renesas Technology Corp UPD6P9 Datasheet HTML 67Page - Renesas Technology Corp UPD6P9 Datasheet HTML 68Page - Renesas Technology Corp UPD6P9 Datasheet HTML 69Page - Renesas Technology Corp UPD6P9 Datasheet HTML 70Page - Renesas Technology Corp UPD6P9 Datasheet HTML 71Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 73 page
background image
65
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
APPENDIX A. DEVELOPMENT TOOLS
An emulator is provided as an emulation tool and a PROM programmer and program adapter are provided as
writing tools for the PROM product, the
µPD6P9.
Hardware
• Emulator (EB-69Note 1)
Tool to emulate the
µPD67, 67A, 68, 68A, 69, and 6P9.
• Emulation probe (NP-20GSNote 1)
Probe for 20-pin SOP/SSOP to connect the emulator to the target system.
• Flexible board (EV-9500GS-20)
20-pin flexible board to facilitate the connection between the emulation probe and the target system.
• PROM programmer (AF-9706Note 2, AF-9708Note 2, AF-9709Note 2)
PROM programmer supporting the
µPD6P9.
The
µPD6P9 can be programmed by connecting the program adapter.
• Program adapter (PA-61P34BMC)
Adapter to program the
µPD6P9. Use in combination with the AF-9706, AF-9708, and AF-9709.
Notes 1. This is a product of Naito Densei Machida Mfg. Co., Ltd.
For details, contact Naito Densei Machida Mfg. Co., Ltd. (TEL: +81-45-475-4191).
2. This is a product of Ando Electric Co., Ltd.
For details, contact Ando Electric Co., Ltd. (TEL: +81-3-3733-1151).
Software
• Assembler (AS6133 Ver. 2.22 or later)
Development tool for remote control transmitter software.
Ordering Number List of AS6133
Host Machine
OS
Supply Medium
Ordering Number
PC-9800 series
MS-DOS
 (Ver. 5.0 to Ver. 6.2)
3.5-inch 2HD
µS5A13AS6133
(CPU: 80,386 or more)
IBM PC/AT
 compatible
MS-DOS (Ver. 6.0 to Ver. 6.22)
3.5-inch 2HC
µS7B13AS6133
PC DOS
 (Ver. 6.1 to Ver. 6.3)
Caution Although Ver.5.0 or later has a task swap function, this function cannot be used with this
software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com