Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 64Page - Renesas Technology Corp UPD6P9 Datasheet HTML 65Page - Renesas Technology Corp UPD6P9 Datasheet HTML 66Page - Renesas Technology Corp UPD6P9 Datasheet HTML 67Page - Renesas Technology Corp UPD6P9 Datasheet HTML 68Page - Renesas Technology Corp UPD6P9 Datasheet HTML 69Page - Renesas Technology Corp UPD6P9 Datasheet HTML 70Page - Renesas Technology Corp UPD6P9 Datasheet HTML 71Page - Renesas Technology Corp UPD6P9 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 73 page
background image
66
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
Item
µPD64
µPD65
µPD67A
µPD68A
µPD69
ROM capacity
1,002
× 10 bits
2,026
× 10 bits
1,002
× 10 bits
2,026
× 10 bits
4,074
× 10 bits
RAM capacity
32
× 4 bits
128
× 4 bits
(32
× 4 bits × 4 pages)
Stack
1 level (multiplexed with RF of RAM)
Key matrix
8
× 6 = 48 keys
8
× 7 = 56 keys
Key extended input
S0, S1
S0 to S2
Clock frequency
Ceramic oscillation Ceramic oscillation Ceramic oscillation
• fX = 2.4 to 8 MHz • fX = 2.4 to 8 MHz • fX = 3.5 to 4.5 MHz
• fX = 2.4 to 4 MHz
(with POC circuit)
Timer
Clock
fX/64, fX/128
fX/64
Count start
Writing count value
Output value (Set value + 1)
× 64/fX (or 128/fX)
(Set value + 1)
× 64/fX – 4/fX
(Set value + 1)
× 64/fX
Carrier
Frequency
• fX/8, fX/64, fX/96 (timer clock: fX/64)
Each high-/low-level width can be set from 250 ns to 64
µs
• fX/16, fX/128, fX/192 (timer clock: fX/128)
(@ fX = 4 MHz operation) via modulo registers (2 channels).
• No carrier
Output start
Synchronized with timer
Instruction execution time
16
µs (fX = 4 MHz)
“MOV Rn, @R0” instruction n = 1 to F
Standby
Reset
RESET input, POC
POC
mode
Release
• HALT mode for timer only.
condition
• STOP mode for only releasing KI
(HALT
(KI/O high-level output or KI/O0 high-level output)
instruction)
Relation between HALT
HALT instruction not executed when F = 1
instruction execution and
status flag (F)
POC circuit
• Mask option
• Provided
• Low level output • Generates internal reset signal on detection
to RESET pin
• VPOC = 1.85 V (TYP.)
on detection
• VPOC = 1.6 V (TYP.)
RAM retention detector
None
• Provided
• VID = 1.4 V (TYP.)
Mask option
POC circuit
None
Capacitor for oscillator (15 pF)
Supply voltage
• VDD=1.8 to 3.6 V VDD = 2.0 to 3.6 V
• VDD=2.2 to 3.6 V
(with POC circuit)
Operating temperature
• TA=–40 to +85
°CTA=–40 to +85°C
• TA=–20 to +70
°C
(with POC circuit)
Package
• 20-pin plastic
20-pin plastic SSOP
SOP
• 20-pin plastic
SSOP
One-time PROM model
µPD6P4B
µPD6P5
µPD6P9
APPENDIX B. FUNCTIONAL COMPARISON BETWEEN
µPD67A, 68A, 69, AND OTHER PRODUCTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com