Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 52Page - Renesas Technology Corp UPD6P9 Datasheet HTML 53Page - Renesas Technology Corp UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp UPD6P9 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 73 page
background image
54
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
10. ASSEMBLER RESERVED WORDS
10.1 Mask Option Directives
When creating a program in the
µPD67, 67A, 68, 68A, and 69, it is necessary to use a mask option quasi-directive
in the assembler’s source program.
10.1.1 OPTION and ENDOP quasi-directives
The quasi-directives from the OPTION quasi-directive down to the ENDOP quasi-directive are called the mask
option definition block. The format of the mask option definition block is as follows:
Format
Symbol field
Mnemonic field
Operand field
Comment field
[Label:]
OPTION
[; Comment]
:
:
ENDOP
10.1.2 Mask option definition quasi-directives
The quasi-directives that can be used in the mask option definition block are listed in Table 10-1.
The mask option definition can only be specified as follows. Be sure to specify the following quasi-directives.
Example
Symbol field
Mnemonic field
Operand field
Comment field
OPTION
USECAP
; Capacitor for oscillation
ENDOP
incorporated
Table 10-1. Mask Option Definition Directives
Name
Mask Option Definition Quasi-Directive
PRO File
Address Value
Data Value
CAP
USECAP
2043H
01
(Capacitor for oscillation incorporated)
NOUSECAP
00
(Capacitor for oscillation not incorporated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com