Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 21Page - Renesas Technology Corp UPD6P9 Datasheet HTML 22Page - Renesas Technology Corp UPD6P9 Datasheet HTML 23Page - Renesas Technology Corp UPD6P9 Datasheet HTML 24Page - Renesas Technology Corp UPD6P9 Datasheet HTML 25Page - Renesas Technology Corp UPD6P9 Datasheet HTML 26Page - Renesas Technology Corp UPD6P9 Datasheet HTML 27Page - Renesas Technology Corp UPD6P9 Datasheet HTML 28Page - Renesas Technology Corp UPD6P9 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
23
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
4.3 Carrier Output
4.3.1 Carrier output generator
The carrier generator consists of a 9-bit counter and two modulo registers for setting the high- and low-level
periods (MOD1 and MOD0 respectively).
Figure 4-3. Configuration of Remote Controller Carrier Generator
Notes 1. Bit 9 of the modulo register for setting the low-level period (MOD0) is fixed to 0.
2. t9: Flag that enables timer output (timer block) (see Figure 4-1 Timer Configuration)
The carrier duty ratio and carrier frequency can be determined by setting the high- and low-level widths using
the respective modulo registers. Each of these widths can be set in a range of 250 ns to 64
µs (@ fX = 4 MHz).
The system clock multiplied by 2 is used for the 9-bit counter input (8 MHz when fX = 4 MHz). MOD0 and MOD1
are read and written using timer manipulation instructions.
MOV A, M00
MOV M00, A
MOV M0, #data10
MOV A, M01
MOV M01, A
MOV M1, #data10
MOV A, M10
MOV M10, A
MOV M0, @R0
MOV A, M11
MOV M11, A
MOV M1, @R0
The values of MOD0 and MOD1 can be calculated from the following expressions.
MOD0 = (2
× fX × (1 – D) × T) – 1
MOD1 = (2
× fX × D × T) – 1
Caution Be sure to input values in range of 001H to 1FFH to MOD0 and MOD1.
Remark D: Carrier duty ratio (0 < D < 1)
fX: Input clock (MHz)
T: Carrier cycle (
µs)
Carrier signal
F/F
Match
Clear
M11
t9
CARY Modulo register for setting the high-level period (MOD1)
Modulo register for setting the low-level period (MOD0)
Note 1
t8
t7 t6
t5
t4
t3
t2
t1
t0
t8
0t7 t6
t5
t4
t3
t2
t1
t0
2fX
fX
fX
t9Note 2
M10
M1
M01
Selector
Comparator
9-bit counter
Multiplier
M00
M0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com