Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 73 page
background image
37
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
9.3 Mnemonic to/from Machine Language (Assembler Output) Contrast Table
Accumulator Operation Instructions
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
ANL
A, R0n
FBEn
(A)
← (A) (Rmn) m = 0, 1 n = 0 to F 1
1
A, R1n
FAEn
CY
← A3 • Rmn3
A, @R0H
FAF0
(A)
← (A) ((P13), (R0))7-4
CY
← A3 • ROM7
A, @R0L
FBF0
(A)
← (A) ((P13), (R0))3-0
CY
← A3 • ROM3
A, #data4
FBF1
data4
(A)
← (A) data4
2
CY
← A3 • data43
ORL
A, R0n
FDEn
(A)
← (A) ∨ (Rmn) m = 0, 1 n = 0 to F 1
A, R1n
FCEn
CY
← 0
A, @R0H
FCF0
(A)
← (A) ∨ ((P13), (R0))7-4
CY
← 0
A, @R0L
FDF0
(A)
← (A) ∨ ((P13), (R0))3-0
CY
← 0
A, #data4
FDF1
data4
(A)
← (A) ∨ data4
2
CY
← 0
XRL
A, R0n
F5En
(A)
← (A) ∨ (Rmn) m = 0, 1 n = 0 to F 1
A, R1n
F4En
CY
← A3 • Rmn3
A, @R0H
F4F0
(A)
← (A) ∨ ((P13), (R0))7-4
CY
← A3 • ROM7
A, @R0L
F5F0
(A)
← (A) ∨ ((P13), (R0))3-0
CY
← A3 • ROM3
A, #data4
F5F1
data4
(A)
← (A) ∨ data4
2
CY
← A3 • data43
INC
A
F4F3
(A)
← (A) + 1
1
if (A) = 0
CY
← 1
else CY
← 1
RL
A
FCF3
(An+1)
← (An), (A0) ← (A3)
CY
← A3
RLZ
A
FEF3
if A = 0
reset
else (An+1)
← (An), (A0) ← (A3)
CY
← A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com