Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp UPD6P9 Datasheet HTML 60Page - Renesas Technology Corp UPD6P9 Datasheet HTML 61Page - Renesas Technology Corp UPD6P9 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 73 page
background image
56
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
DC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Input voltage, high
VIH1
KI/O
0.7VDD
VDD
V
VIH2
KI, S0, S1, S2
0.65VDD
VDD
V
Input voltage, low
VIL1
KI/O
0
0.3VDD
V
VIL2
KI, S0, S1, S2
0
0.15VDD
V
Input leakage current,
ILH1
KI
3
µA
high
VI = VDD, pull-down resistor not incorporated
ILH2
S0, S1, S2
3
µA
VI = VDD, pull-down resistor not incorporated
Input leakage current,
IUL1
KI
VI = 0 V
–3
µA
low
IUL2
KI/O
VI = 0 V
–3
µA
IUL3
S0, S1, S2 VI = 0 V
–3
µA
Output voltage, high
VOH1
REM, LED, KI/O
IOH = –0.3 mA
0.8VDD
V
Output voltage, low
VOL1
REM, LED
IOL = 0.3 mA
0.3
V
VOL2
KI/O
IOL = 15
µA
0.4
V
Output current, high
IOH1
REM
VDD = 3.0 V, VOH = 1.0 V
–5
–12
mA
IOH2
KI/O
VDD = 3.0 V, VOH = 2.2 V
–2.5
–7
mA
Output current, low
IOL1
KI/O
VDD = 3.0 V, VOL = 0.4 V
47
70
µA
VDD = 3.0 V, VOL = 2.2 V
260
390
µA
On-chip pull-down resistor
R1
KI, S0, S1, S2
75
150
300
k
Ω
R2
KI/O
130
250
500
k
Ω
Data retention power
VDDOR
In STOP mode
0.9
3.6
V
supply voltage
RAM retention detection
VID
1.4
1.5
V
voltage
Supply current
IDD1
Operation
fX = 4.0 MHz, VDD = 3 V
±10%
0.7
1.4
mA
mode
IDD2
HALT mode
fX = 4.0 MHz, VDD = 3 V
±10%
0.65
1.3
mA
IDD3
STOP mode
VDD = 3 V
±10%
2.0
9.0
µA
VDD = 3 V
±10%, TA = 25°C
1.8
3.0
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com