Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp UPD6P9 Datasheet HTML 44Page - Renesas Technology Corp UPD6P9 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 73 page
background image
39
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
Branch Instructions
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
JMP
addr (Page 0)
E8F1
addr
PC
← addr
2
1
addr (Page 1)
E9F1
addr
addr (Page 2)
E8F4
addr
addr (Page 3)
E9F4
addr
JC
addr (Page 0)
ECF1
addr
if CY = 1
PC
← addr
addr (Page 1)
EAF1
addr
else PC
← PC + 2
addr (Page 2)
ECF4
addr
addr (Page 3)
EAF4
addr
JNC
addr (Page 0)
EDF1
addr
if CY = 0
PC
← addr
addr (Page 1)
EBF1
addr
else PC
← PC + 2
addr (Page 2)
EDF4
addr
addr (Page 3)
EBF4
addr
JF
addr (Page 0)
EEF1
addr
if F = 1
PC
← addr
addr (Page 1)
F0F1
addr
else PC
← PC + 2
addr (Page 2)
EEF4
addr
addr (Page 3)
F0F4
addr
JNF
addr (Page 0)
EFF1
addr
if F = 0
PC
← addr
addr (Page 1)
F1F1
addr
else PC
← PC + 2
addr (Page 2)
EFF4
addr
addr (Page 3)
F1F4
addr
Caution 0 and 4, which refer to PAGE0 and 4, are not written when describing mnemonics.
Subroutine Instructions
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
CALL
addr (Page 0)
E6F2
E8F1
addr
SP
← SP + 1, ASR ← PC, PC ← addr
3
2
addr (Page 1)
E6F2
E9F1
addr
addr (Page 2)
E6F2
E8F4
addr
addr (Page 3)
E6F2
E9F4
addr
RET
E8F2
PC
← ASR, SP ← SP – 1
1
1
Caution 0 and 4, which refer to PAGE0 and 4, are not written when describing mnemonics.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com