Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp UPD6P9 Datasheet HTML 44Page - Renesas Technology Corp UPD6P9 Datasheet HTML 45Page - Renesas Technology Corp UPD6P9 Datasheet HTML 46Page - Renesas Technology Corp UPD6P9 Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 73 page
background image
41
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
9.4 Accumulator Manipulation Instructions
ANL A, R0n
ANL A, R1n
<1> Instruction code:
1 101 R4 0R3 R2 R1 R0
<2> Cycle count:
1
<3> Function:
(A)
← (A) (Rmn) m = 0, 1 n = 0 to F
CY
← A3 • Rmn3
The accumulator contents and the register Rmn contents are ANDed and the results are entered in the
accumulator.
ANL A, @R0H
ANL A, @R0L
<1> Instruction code:
1 101 0/1 1000 0
<2> Cycle count:
1
<3> Function:
(A)
← (A) ((P13), (R0))7-4 (in the case of ANL A, @R0H)
CY
← A3 • ROM7
(A)
← (A) ((P13), (R0))3-0 (in the case of ANL A, @R0L)
CY
← A3 • ROM3
The accumulator contents and the program memory contents specified by the control register P13 and
register pair R10 to R00 are ANDed and the results are entered in the accumulator.
If H is specified, b7, b6, b5 and b4 take effect. If L is specified, b3, b2, b1 and b0 take effect.
• Program memory (ROM) organization
ANL A, #data4
<1> Instruction code:
1 10111000 1
0 00000 d3 d2 d1 d0
<2> Cycle count:
1
<3> Function:
(A)
← (A) data4
CY
← A3 • data43
The accumulator contents and the immediate data are ANDed and the results are entered in the
accumulator.
b9
b8
b7
b6
b5
b4
b3
b2
b1
b0
H
↓
L
↓
Valid bits at the time of accumulator manipulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com