Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 9Page - Renesas Technology Corp UPD6P9 Datasheet HTML 10Page - Renesas Technology Corp UPD6P9 Datasheet HTML 11Page - Renesas Technology Corp UPD6P9 Datasheet HTML 12Page - Renesas Technology Corp UPD6P9 Datasheet HTML 13Page - Renesas Technology Corp UPD6P9 Datasheet HTML 14Page - Renesas Technology Corp UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp UPD6P9 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 73 page
background image
11
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
2.5 Data Memory (RAM): 32
× 4 Bits (
µPD67, 67A, 68, 68A)
128
× 4 Bits (
µPD69)
The data memory, which is a static RAM consisting of 32
× 4 bits, is used to retain processed data. The data
memory is sometimes processed in 8-bit units. R0 can be used as the ROM data pointer.
RF is also used as the ASR.
After reset, R0 is cleared to 00H and R1 to RF retain the previous data (undefined when turning on the power).
Figure 2-4. Data Memory Configuration
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
RA
RB
RC
RD
RE
RF
R10
R00
R11
R01
R12
R02
R13
R03
R14
R04
R15
R05
R16
R06
R17
R07
R18
R08
R19
R09
R1A
R0A
R1B
R0B
R1C
R0C
R1D
R0D
R1E
R0E
R1F
R0F
→DP (refer to 2.6 Data Pointer (DP))
→ASR (refer to 2.3 Address Stack Register (ASR (RF)))
R1n (higher 4 bits) R0n (lower 4 bits)
R0
R1
R2
R3
R4
R5
R6
R7
R8
R9
RA
RB
RC
RD
RE
RF
R10
R00
R11
R01
R12
R02
R13
R03
R14
R04
R15
R05
R16
R06
R17
R07
R18
R08
R19
R09
R1A
R0A
R1B
R0B
R1C
R0C
R1D
R0D
R1E
R0E
R1F
R0F
R1n (higher 4 bits) R0n (lower 4 bits)
Page 0
Note
Pages 1 to 3
Note
Note
µPD67, 67A, 68, 68A: Page 0
µPD69:
Pages 0 to 3 (pages can be switched using bits 0 and 1 of control register 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com