Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 53Page - Renesas Technology Corp UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp UPD6P9 Datasheet HTML 60Page - Renesas Technology Corp UPD6P9 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 73 page
background image
55
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
11. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = +25
°C)
Item
Symbol
Conditions
Ratings
Unit
Power supply voltage
VDD
–0.3 to +3.8
V
Input voltage
VI
KI/O, KI, S0, S1, S2
–0.3 to VDD + 0.3
V
Output voltage
VO
–0.3 to VDD + 0.3
V
Output current, high
IOHNote
REM
Peak value
–30
mA
rms value
–20
mA
LED
Peak value
–7.5
mA
rms value
–5
mA
One KI/O pin
Peak value
–13.5
mA
rms value
–9
mA
Total for LED and KI/O pins
Peak value
–18
mA
rms value
–12
mA
Output current, low
IOLNote
REM
Peak value
7.5
mA
rms value
5
mA
LED
Peak value
7.5
mA
rms value
5
mA
Operating ambient
TA
–40 to +85
°C
temperature
Storage temperature
Tstg
–65 to +150
°C
Note The rms value should be calculated as follows: [rms value] = [Peak value]
× Duty.
Caution Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product
is on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Recommended Power Supply Voltage Range (TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Power supply voltage
VDD
fX = 3.5 to 4.5 MHz
2.0
3.0
3.6
V
√



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com