Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 13Page - Renesas Technology Corp UPD6P9 Datasheet HTML 14Page - Renesas Technology Corp UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp UPD6P9 Datasheet HTML 17Page - Renesas Technology Corp UPD6P9 Datasheet HTML 18Page - Renesas Technology Corp UPD6P9 Datasheet HTML 19Page - Renesas Technology Corp UPD6P9 Datasheet HTML 20Page - Renesas Technology Corp UPD6P9 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 73 page
background image
15
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
3.1 KI/O Port (P0)
The KI/O port is an 8-bit I/O port for key scan output.
I/O mode is set by bit 1 of the P4 register.
If a read instruction is executed, the pin state can be read in input mode, whereas the output latch contents can
be read in output mode.
If a write instruction is executed, data can be written to the output latch regardless of input or output mode.
After reset, the port is placed in output mode and the value of the output latch (P0) becomes 1111 1111B.
The KI/O port incorporates a pull-down resistor, allowing pull-down in input mode only.
Caution When a key is double-pressed, a high-level output and a low-level output may conflict at the
KI/O port. To avoid this, the low-level output current of the KI/O port is held low. Therefore, be
careful when using the KI/O port for purposes other than key scan output.
The KI/O port is designed so that even when connected directly to VDD within the normal supply
voltage range (VDD = 2.0 to 3.6 V), no problem occurs.
Table 3-2. KI/O Port (P0)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
KI/O7
KI/O6
KI/O5
KI/O4
KI/O3
KI/O2
KI/O1
KI/O0
b0 to b7: When reading:
In input mode, the KI/O pin’s state is read.
In output mode, the KI/O pin’s output latch contents are read.
When writing:
Data is written to the KI/O pin’s output latch regardless of input or output mode.
3.2 KI Port/Special Ports (P1)
3.2.1 KI port (P11: bits 4 to 7 of P1)
The KI port is a 4-bit input port for key input. The pin state can be read.
The use of a pull-down resistor for the KI port can be specified in 4-bit units by software using bit 5 of the P4
register. After reset, a pull-down resistor is connected.
Table 3-3. KI/Special Port Register (P1)
Bit
b7
b6
b5
b4
b3
b2
b1
b0
Name
KI3
KI2
KI1
KI0
S1/LED
S0
S2
Fixed to “1”
b1:
The state of the S2 pin is read (read only).
b2:
In input mode, state of the S0 pin is read (read only).
In OFF mode, this bit is fixed to 1.
b3:
The state of the S1/LED pin is read regardless of input/output mode (read only).
b4 to b7: The state of the KI pin is read (read only).
Caution In order to prevent malfunction, be sure to input a low level to one or more of pins KI0 to KI3
when POC is released by supply voltage rising (Can be left open. When open, leave the pull-
down resistor connected).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com