Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 37 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 37 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 33Page - Renesas Technology Corp UPD6P9 Datasheet HTML 34Page - Renesas Technology Corp UPD6P9 Datasheet HTML 35Page - Renesas Technology Corp UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
35
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
9. INSTRUCTION SET
9.1 Machine Language Output by Assembler
The bit length of the machine language of this product is 10 bits per word. However, the machine language that
is output by the assembler is extended to 16 bits per word. As shown in the example below, the extension is made
by inserting 3-bit extended bits (111) in two locations.
Figure 9-1. Example of Assembler Output (10 Bits Extended to 16 Bits)
<1> In the case of “ANL A, @R0H”
1
1
1010
1
0000
1010
1
0000
111
111
Extended bits
Extended bits
= FAF0
<2> In the case of “OUT P0, #data8”
0
0
0110
1
1000
0110
1
1000
111
111
Extended bits
Extended bits
= E6F8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com