Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp UPD6P9 Datasheet HTML 57Page - Renesas Technology Corp UPD6P9 Datasheet HTML 58Page - Renesas Technology Corp UPD6P9 Datasheet HTML 59Page - Renesas Technology Corp UPD6P9 Datasheet HTML 60Page - Renesas Technology Corp UPD6P9 Datasheet HTML 61Page - Renesas Technology Corp UPD6P9 Datasheet HTML 62Page - Renesas Technology Corp UPD6P9 Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 73 page
background image
57
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
AC Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Command execution time
tCY
14
16
18.5
µs
KI, S0, S1, S2 high-level
tH
10
µs
width
When releasing standby mode
In HALT mode
10
µs
In STOP mode
Note
µs
Note 10 + 278/fX + oscillation growth time
Remark tCY = 64/fX (fX: System clock oscillator frequency)
POC Circuit (TA = –40 to +85
°C)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
POC detection voltageNote
VPOC
1.85
2.0
V
Note Refers to the voltage with which the POC circuit releases an internal reset. If VPOC < VDD, the internal
reset is released.
From the time of VPOC
≥ VDD until the internal reset takes effect, a delay of up to 1 ms occurs. When the
period of VPOC
≥ VDD lasts less than 1 ms, the internal reset may not take effect.
System Clock Oscillator Characteristics (TA = –40 to +85
°C, VDD = 2.0 to 3.6 V)
Item
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Oscillator frequency
fX
3.5
4.0
4.5
MHz
(ceramic resonator)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com