Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 48Page - Renesas Technology Corp UPD6P9 Datasheet HTML 49Page - Renesas Technology Corp UPD6P9 Datasheet HTML 50Page - Renesas Technology Corp UPD6P9 Datasheet HTML 51Page - Renesas Technology Corp UPD6P9 Datasheet HTML 52Page - Renesas Technology Corp UPD6P9 Datasheet HTML 53Page - Renesas Technology Corp UPD6P9 Datasheet HTML 54Page - Renesas Technology Corp UPD6P9 Datasheet HTML 55Page - Renesas Technology Corp UPD6P9 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 73 page
background image
50
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
MOV A, M10
MOV A, M11
<1> Instruction code:
11 1 1 0/1 1 0 1 1 1
<2> Cycle count:
1
<3> Function:
(A)
← (M1n) n = 0, 1
CY
← 0
The modulo register M1n contents are transferred to the accumulator. M11 corresponds to (t9, t8, t7,
t6); M10 corresponds to (t5, t4, t3, t2).
↓
t9
t8
t7
t6
t5
t4
t3
t2
t1
t0
Can be set with
M11
M10
MOV M1, #data10
MOV M1, @R0
M1
MOV T0, A
MOV T1, A
<1> Instruction code:
00 1 0 0/1 1 1 1 1 1
<2> Cycle count:
1
<3> Function:
(Tn)
← (A) n = 0, 1
The accumulator contents are transferred to the timer register Tn. T1 corresponds to (t9, t8, t7, t6); T0
corresponds to (t5, t4, t3, t2). After executing this instruction, if data is transferred to T1, t1 becomes
0; if data is transferred to T0, t0 becomes 0.
MOV M00, A
MOV M01, A
<1> Instruction code:
00 1 0 0/1 1 0 1 1 0
<2> Cycle count:
1
<3> Function:
(M0n)
← (A) n = 0, 1
CY
← 0
The accumulator contents are transferred to the modulo register M0n. M01 corresponds to (t9, t8, t7,
t6); M00 corresponds to (t5, t4, t3, t2). After executing this instruction, if data is transferred to M01,
t1 becomes 0; if data is transferred to M00, t0 becomes 0.
MOV M10, A
MOV M11, A
<1> Instruction code:
00 1 0 0/1 1 0 1 1 1
<2> Cycle count:
1
<3> Function:
(M1n)
← (A) n = 0, 1
CY
← 0
The accumulator contents are transferred to the modulo register M1n. M11 corresponds to (t9, t8, t7,
t6); M10 corresponds to (t5, t4, t3, t2). After executing this instruction, if data is transferred to M11,
t1 becomes 0; if data is transferred to M10, t0 becomes 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com