Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 11Page - Renesas Technology Corp UPD6P9 Datasheet HTML 12Page - Renesas Technology Corp UPD6P9 Datasheet HTML 13Page - Renesas Technology Corp UPD6P9 Datasheet HTML 14Page - Renesas Technology Corp UPD6P9 Datasheet HTML 15Page - Renesas Technology Corp UPD6P9 Datasheet HTML 16Page - Renesas Technology Corp UPD6P9 Datasheet HTML 17Page - Renesas Technology Corp UPD6P9 Datasheet HTML 18Page - Renesas Technology Corp UPD6P9 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 73 page
background image
13
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
2.9 Flags
2.9.1 Status flag (F)
Pin and timer statuses can be checked by executing the STTS instruction to check the status flag.
The status flag is set (to 1) in the following cases.
• If the condition specified with the operand is met when the STTS instruction is executed
• When standby mode is released.
• When the release condition is met at the point of executing the HALT instruction.
(In this case, the system
does not enter the standby mode.)
Conversely, the status flag is cleared (to 0) in the following cases:
• If the condition specified with the operand is not met when the STTS instruction is executed.
• When the status flag has been set (to 1), the HALT instruction executed, but the release condition is not met
at the point of executing the HALT instruction. (In this case, the system does not enter the standby mode.)
Table 2-1. Conditions for Status Flag (F) to Be Set by STTS Instruction
Operand Value of STTS Instruction
Condition for Status Flag (F) to Be Set
b3
b2
b1
b0
0000
High level is input to at least one of KI pins.
011
High level is input to at least one of KI pins.
110
High level is input to at least one of KI pins.
101
The down counter of the timer is 0.
1
Either of the combinations
[The following condition is added in addition to the above.]
of b2, b1, and b0 above.
High level is input to at least one of S0Note 1, S1Note 1, or S2Note 2 pins.
Notes 1. The S0 and S1 pins must be set to input mode (bit 2 and bit 0 of the P4 register are set to 0 and 1,
respectively).
2. The use of STOP mode release for the S2 pin must be enabled (bit 3 of the P4 register is set to 1).
2.9.2 Carry flag (CY)
The carry flag is set (to 1) in the following cases:
• If the ANL instruction or the XRL instruction is executed when bit 3 of the accumulator is 1 and bit 3 of the
operand is 1.
• If the RL instruction or the RLZ instruction is executed when bit 3 of the accumulator is 1.
• If the INC instruction or the SCAF instruction is executed when the value of the accumulator is 0FH.
The carry flag is cleared (to 0) in the following cases:
• If the ANL instruction or the XRL instruction is executed when at least either bit 3 of the accumulator or bit
3 of the operand is 0.
• If the RL instruction or the RLZ instruction is executed when bit 3 of the accumulator is 0.
• If the INC instruction or the SCAF instruction is executed when the value of the accumulator is other than 0FH.
• If the ORL instruction is executed.
• When data is written to the accumulator by the MOV instruction or the IN instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com