Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPD6P9 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # UPD6P9
Description  MOS INTEGRATED CIRCUIT
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD6P9 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button UPD6P9 Datasheet HTML 36Page - Renesas Technology Corp UPD6P9 Datasheet HTML 37Page - Renesas Technology Corp UPD6P9 Datasheet HTML 38Page - Renesas Technology Corp UPD6P9 Datasheet HTML 39Page - Renesas Technology Corp UPD6P9 Datasheet HTML 40Page - Renesas Technology Corp UPD6P9 Datasheet HTML 41Page - Renesas Technology Corp UPD6P9 Datasheet HTML 42Page - Renesas Technology Corp UPD6P9 Datasheet HTML 43Page - Renesas Technology Corp UPD6P9 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 73 page
background image
38
µPD67, 67A, 68, 68A, 69
Data Sheet U14935EJ2V1DS
I/O Instructions
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
IN
A, P0n
FFF8 + n
—
—
(A)
← (Pmn) m = 0, 1 n = 0, 1, 3, 4
1
1
A, P1n
FEF8 + n
—
—
CY
← 0
OUT
P0n, A
E5F8 + n
—
—
(Pmn)
← (A) m = 0, 1 n = 0, 1, 3, 4
P1n, A
E4F8 + n
—
—
ANL
A, P0n
FBF8 + n
—
—
(A)
← (A) (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
FAF8 + n
—
—
CY
← A3 • Pmn3
ORL
A, P0n
FDF8 + n
—
—
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
FCF8 + n
—
—
CY
← 0
XRL
A, P0n
F5F8 + n
—
—
(A)
← (A) ∨ (Pmn) m = 0, 1 n = 0, 1, 3, 4
A, P1n
F4F8 + n
—
—
CY
← A3 • Pmn3
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
OUT
Pn, #data8 E6F8 + n
data8
(Pn)
← data8
n = 0, 1, 3, 4
2
1
Remark
Pn: P1n to P0n are dealt with in pairs.
Data Transfer Instruction
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
MOV
A, R0n
FFEn
(A)
← (Rmn)
m = 0, 1 n = 0 to F
1
1
A, R1n
FEEn
CY
← 0
A, @R0H
FEF0
(A)
← ((P13), (R0))7-4
CY
← 0
A, @R0L
FFF0
(A)
← ((P13), (R0))3-0
CY
← 0
A, #data4
FFF1
data4
(A)
← data4
2
CY
← 0
R0n, A
E5En
(Rmn)
← (A)
m = 0, 1 n = 0 to F
1
R1n, A
E4En
Mnemonic
Operand
Instruction Code
Operation
Instruction
Instruction
1st Word
2nd Word
3rd Word
Length
Cycle
MOV
Rn, #data8 E6En
data8
—
(R1n to R0n)
← data8
n = 0 to F
2
1
Rn, @R0
E7En
—
—
(R1n to R0n)
← ((P13), (R0))n = 1 to F 1
Remark
Rn: R1n to R0n are handled in pairs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com