Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 28 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 28 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 25Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 26Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 27Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 28Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 29Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 30Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 31Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 32Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
28
Register
Address
Register
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0x6F
BUCK2_
SLEWCTRL
Reserved
BUCK2_SS_
SLEW
Reserved
0x00
0x75
BUCK3_
RAMP
Reserved
BUCK3_
DVS_UP
Reserved
BUCK3_
DVS_DO
WN
Reserved
0x44
0x79
BUCK3_
CFG0
Reserved
BUCK3_
DIS
0x01
0x7C
BUCK3_
DVS0CFG1
BUCK3_DVS0
0x8C
0x7D
BUCK3_
DVS0CFG0
Reserved
BUCK3_
DVS0M
ODE
Reserved
BUCK3_
ENDVS0
0x00
0x7E
BUCK3_
DVS1CFG1
BUCK3_DVS1
0x8C
0x7F
BUCK3_
DVS1CFG0
Reserved
BUCK3_
DVS1M
ODE
Reserved
BUCK3_
ENDVS1
0x00
0x86
BUCK3_
DVSCFG
Reserved
BUCK3_
DVSPIN
_POL
BUCK3_DVS_
CTRL
0x00
0x88
BUCK3_
RSPCFG
Reserved
BUCK3_RSPUP
Reserved
BUCK3_RSPDN
0x14
0x89
BUCK3_
SLEWCTR
Reserved
BUCK3_SS_
SLEW
Reserved
0x00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com