Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 3Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 4Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
7
MODE Selection
Whether it is DVS0 or DVS1, there are two modes of
operation: forced continuous conduction mode (FCCM)
and automatic power saving mode (Auto mode). It is
set in the following registers: 0x49[5], 0x4B[5], 0x63[5],
0x65[5], 0x7D[5] and 0x7F[5]. For example, to set
DVS0 of Buck1 to FCCM, just write "1" at 0x49[5].
Auto Mode with Automatic Phase Adding/Shedding
Auto mode enables high efficiency at light load. At low
load current, the inductor current can drop to zero and
become negative. This is detected by internal zero
current-detect circuitry utilizing the LSFET RDS(ON) to
sense the inductor current. The LSFET is turned off
when the inductor current drops to zero, resulting in
discontinuous operation (DCM). Both HSFET and
LSFET remain off with the output capacitor supplying
the load current until the feedback voltage falls below
the
feedback
reference
voltage.
DCM
operation
maintains high efficiency at light load, while setting
MODE to Forced PWM (FCCM) operation helps meet
tight voltage regulation accuracy requirements. For
multiphase
outputs,
the
RTQ2134
automatically
increases the number of operating phases as the load
continues to increase above 3A (typ). The two phases
are interleaved with 180 degrees apart. Interleaving
reduces ripple current at the input and output.
Therefore, the input and output capacitors are also
reduced. Conversely, when the load current per phase
drops below 2.6A (typ), the RTQ2134 automatically
sheds the number of phases.
FCCM Mode
Setting MODE to Forced PWM (FCCM) operation helps
meet
stringent
voltage
regulation
accuracy
requirements. Users must enable all the set outputs
before setting into the FCCM.
UVLO, Enable Control and Soft-Start
The
RTQ2134
implements
under-voltage
lockout
protection (UVLO) to prevent operation without fully
turn on the internal HSFET and LSFET. The UVLO
monitors the voltage of AVIN. When the AVIN voltage
is lower than UVLO threshold, IC stops switching and
resets all digital functions.
The RTQ2134 provides an EN pin, as an external chip
enable control, to enable or disable the device. If VEN is
held below a logic-low threshold voltage (VENL) of the
enable input (EN), the converter will enter into
shutdown mode and reset all digital function (I2C); that
is, the converter is disabled even if the VIN voltage is
above VIN under-voltage lockout threshold (VUVLO).
During shutdown mode, the supply current can be
reduced to ISHDN (20
A or below). If the EN voltage
rises above the logic-high threshold voltage (VENH), the
device starts switching. When appropriate voltages are
present on the VIN, AVIN, VIO and EN pins, the
RTQ2134 will begin digital function, switching and
initiate a soft-start ramp of the output voltage. After the
device is turned on and VIO is ready, all digital
functions including I2C communication start to work in a
boot time with 230
s (typ.). The voltage of VIO can be
used to supply power to digital function and it is
recommended that enable the device after VIO voltage
is ready. The RTQ2134 supports enable delay time
setting (factory setting) and soft-start slew rate setting
for each Buck. The soft-start function is used to prevent
large inrush current while the converter is powered up.
Register
0x55[5:4],
0x6F[5:4]
and
0x89[5:4]
let
soft-start time of each be programmable. The start-up
sequence is shown in Figure 3. IC also implements
enable control by software, it can be set in the registers:
0x49[0], 0x4B[0], 0x63[0], 0x65[0], 0x7D[0] and 0x7F[0].
If the output voltage of Buck is default disable which is
only set by factory, the output voltage starts to ramp up
by software and the Figure 4 shows the start-up
sequence. For disable function, the device supports
disable delay time setting (factory setting) by external
EN pin and the output voltage ramps down with default
discharge resistor. The discharge resistor can be
controlled to on or off by register 0x42[0], 0x5F[0] and
0x79[0] when the converter is disabled by software.
The power-off sequence is shown in Figure 5 and
Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com