Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  VCTA25201B-R33MS6 Datasheet HTML 1Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 2Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 3Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 4Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
4
Pin No.
Pin Name
Pin Function
15
WDOG_RST
Control input for output voltage reset. Reset each Buck output voltage, DVSx,
and ENDVSx registers to factory default setting value when this pin is pulled
low. Connect this pin to be higher than 70% of VIO pin voltage if this pin is not
used. "Do Not" leave this pin floating. The minimum watchdog debounce time
is 100
s.
Note that the factory default setting value in watchdog register (0x25) is 0x00h
(Disabled).
16
PVIN3
Power input for power stage 3. It is recommended to use a 10-
F, X7R
capacitor.
18
LX3
Switching node for power stage 3.
20
LX2
Switching node for power stage 2.
22
PVIN2
Power input for power stage 2. It is recommended to use a 10-
F, X7R
capacitor.
23
SCL
Clock input for I2C interface. The pull-up voltage supply must be the same as
VIO voltage for correct operation. Connect this pin to AGND if I2C interface is
not used. "Do Not" leave this pin floating.
24
SDA
Data line for I2C interface. The pull-up voltage supply must be the same as
VIO voltage for correct operation. Connect this pin to AGND if I2C interface is
not used. "Do Not" leave this pin floating.
25
INT
Interrupt indicator. When INT function is used, set 0x33[6] = 1, 0x34[6] = 1 and
0x35[6] = 1.
26
VIO
I/O supply voltage for digital communications. Connect this pin to 1.8V for
normal operation. "Do Not" leave this pin floating.
27
EN
Master chip enable. A logic-high enables the converter; a logic-low forces the
device into shutdown mode. "Do Not" leave this pin floating.
28
VOUT2
Output voltage sense for Buck2.
29
RTN2
Remote ground sense for Buck2.
30
AVIN
Analog input voltage.
31(Exposed PAD) PGND
Exposed pad. The exposed pad is connected to PGND and must be soldered
to a large PCB copper area for maximum power dissipation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com