Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 11Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 12Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 13Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 14Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
11
Absolute Maximum Ratings
(Note 1)
⚫
Supply Input Voltage -------------------------------------------------------------------------------------------------
−0.3V to 6.5V
⚫
LX Pin Switch Voltage------------------------------------------------------------------------------------------------
−0.3V to 7.3V
< 100ns ------------------------------------------------------------------------------------------------------------------
−5V to 9V
⚫
Other I/O Pin Voltages -----------------------------------------------------------------------------------------------
−0.3V to 7.3V
⚫
Power Dissipation, PD @ TA = 25
C
WET-WQFN-30L 4.5x5 (FC) --------------------------------------------------------------------------------------- 2.87W
⚫
Package Thermal Resistance
(Note 2)
WET-WQFN-30L 4.5x5 (FC),
JA ---------------------------------------------------------------------------------34.8C/W
WET-WQFN-30L 4.5x5 (FC),
JC(Top)----------------------------------------------------------------------------18.2C/W
WET-WQFN-30L 4.5x5 (FC),
JB ---------------------------------------------------------------------------------13.2C/W
⚫
Lead Temperature (Soldering, 10 sec.) -------------------------------------------------------------------------- 260
C
⚫
Junction Temperature ------------------------------------------------------------------------------------------------ 150
C
⚫
Storage Temperature Range ---------------------------------------------------------------------------------------
−65C to 150C
⚫
ESD Susceptibility
(Note 3)
HBM (Human Body Model) ----------------------------------------------------------------------------------------- 2kV
Recommended Operating Conditions
(Note 4)
⚫
Supply Input Voltage (for 2 + 2 application)------------------------------------------------------------- 3.3V to 6V
⚫
Supply Input Voltage (for 2 + 1 + 1 application) ------------------------------------------------------- 3V to 6V
⚫
VIO Input Voltage --------------------------------------------------------------------------------------------- 1.7V to VIN
⚫
Junction Temperature Range ------------------------------------------------------------------------------
−40C to 150C
Electrical Characteristics
(VIN = 3.7V, TJ = −40C to 125C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Analog Input Voltage
VAVIN
For 2 + 2 application
3.3
--
6
V
Power Input Voltage
VPVIN
For 2 + 2 application
3.3
--
6
V
Shutdown Current
ISHDN
EN = 0V, Digital circuit doesn't work
--
1
20
A
Buck Off Current
ISDBO
EN = VIO = 1.8V, disable all Buck by
software
--
20
80
A
1Phase no Switching
Current
ISLP
VOUT = 1.2 x VOUT_SETTING
--
70
120
A
Under-Voltage Lockout
Threshold
VUVLO
VIN rising
2.1
2.32
2.45
V
Under-Voltage Lockout
Hysteresis
VUVLO
--
300
--
mV
High-Side Switch
On-Resistance
RDS(ON)_H
VIN = 5V
18
25
45
m
Low-Side Switch
On-Resistance
RDS(ON)_L
VIN = 5V
8
15
25
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com