Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 21 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 21 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 17Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 18Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 19Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 20Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 21Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 22Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 23Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 25Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
21
value and case size. Most ceramic capacitors lose 50%
or more of their rated values when used near their
rated voltage.
Transient performance can be improved with a higher
value
output
capacitor.
Increasing
the
output
capacitance will also decrease the output voltage
ripple.
The recommended output capacitors are shown in
Typical Application Circuit section.
Thermal Considerations
In many applications, the RTQ2134 does not generate
much heat due to its high efficiency and low thermal
resistance of its WQFN- 30L 4.5x5 package. However,
in applications where the RTQ2134 runs at a high
ambient temperature and high input voltage or high
switching frequency, the generated heat may exceed
the maximum junction temperature of the part.
The junction temperature should never exceed the
absolute maximum junction temperature TJ(MAX), listed
under Absolute Maximum Ratings, to avoid permanent
damage to the device. If the junction temperature
reaches approximately 160°C, the RTQ2134 stops
switching the power MOSFETs until the temperature
cools down by 30°C.
The maximum power dissipation can be calculated by
the following formula :
PD(MAX) = (TJ(MAX)
− TA) /JA(EFFECTIVE)
where
TJ(MAX) is the maximum allowed junction temperature
of the die. For recommended operating condition
specifications, the maximum junction temperature is
125°C. TA is the ambient operating temperature,
JA(EFFECTIVE) is the system-level junction to ambient
thermal resistance. It can be estimated from thermal
modeling or measurements in the system.
The thermal resistance of the device strongly depends
on the surrounding PCB layout and can be improved by
providing a heat sink of surrounding copper ground.
The addition of backside copper with thermal vias,
stiffeners, and other enhancements can also help
reduce thermal resistance.
Experiments in the Richtek thermal lab show that
simply set
JA(EFFECTIVE) as 110% to 120% of the JA
is reasonable to obtain the allowed PD(MAX).
The power loss of system can be found in the efficiency
measurement and the formula below can be used to
determine the power loss of IC by removing the loss of
inductor including DC loss and AC loss.
Two-phase converter power loss :
2
OUT
loss
IN
IN
OUT
OUT
2
2
OUT
OUT
core_loss
22
IN
SW
I
P
= (V
I
V
I
) ((
)
DCR) 2
2
V
ACR
V
P
2 (
(1
) ) 2
V
12 L
f
−
−
−
 −
 −

Single-phase converter power loss :
2
loss
IN
IN
OUT
OUT
OUT
core_loss
2
2
OUT
OUT
22
IN
SW
P
= (V
I
V
I
) I
DCR P
V
ACR
V
(1
)
V
12 L
f
−
−
−
−
 −

Where
Pcore_loss and ACR need to be obtained from inductor
supplier.
Total loss of IC cannot be larger than maximum power
loss. If the application requires a higher ambient
temperature and/or higher switching frequency, care
should be taken to reduce the temperature rise of the
part by using a heat sink or air flow. Note that the
over-temperature protection is intended to protect the
device during momentary overload conditions. The
protection
is
activated
outside
of
the
absolute
maximum range of operation as a secondary fail-safe
and therefore should not be relied upon operationally.
Continuous operation above the specified absolute
maximum operating junction temperature may impair
device reliability or permanently damage the device.
Layout Guidelines
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the RTQ2134 :
Four-layer or six-layer PCB with maximum ground
plane is strongly recommended for good thermal
performance.
Keep the traces of the main current paths wide and
short.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com