Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 18 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 18 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 14Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 15Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 16Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 17Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 18Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 19Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 20Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 21Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 22Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
18
Time (500ns/Div)
Output Ripple - Two Phase
VOUT
(10mV/Div)
VLX4
(5V/Div)
IOUT
(5A/Div)
VIN = 3.8V, VOUT = 1V, IOUT = 11A
VLX1
(5V/Div)
Time (500ns/Div)
Output Ripple - Single Phase
VOUT
(10mV/Div)
VLX2
(3V/Div)
IOUT
(5A/Div)
VIN = 3.8V, VOUT = 1V, IOUT = 5.5A
EN Threshold Voltage vs. Temperature
0.70
0.75
0.80
0.85
0.90
0.95
1.00
-50
-25
0
25
50
75
100
125
Temperature (°C)
Rising
Falling
VIN = 3.6V
EN Pin Current vs. Temperature
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-50
-25
0
25
50
75
100
125
Temperature (°C)
VEN = 3.3V
Current Limit vs. Temperature
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
-50
-25
0
25
50
75
100
125
Temperature (°C)
HSFET
VIN = 5.5V_Peak
VIN = 4V_Peak
MOSFET RDS(ON) vs. Temperature
0
5
10
15
20
25
30
35
-50
-25
0
25
50
75
100
125
Temperature (°C)
RDS(ON)_H
RDS(ON)_L
VIN = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com