Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 11Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 12Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 13Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 14Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 15Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 16Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 17Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 18Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
14
Typical Application Circuit
2 + 1 + 1 Phase
L1
0.33uH
C1
10
μF
VIN
3V to 5.5V
RTQ2134
EN
RTN1
AVIN
LX1
VOUT1
PVIN1
PVIN2
PVIN3
PVIN4
LX2
LX4
RTN2
VOUT2
VIO
AVIN_FILT
SCL
SDA
VOUT1
(10A)
L4
0.33uH
C2
10
μF
C3
10
μF
C4
10
μF
1.5V to 5.5V
C7
22
μF x 4
1.8V
LX3
RTN3
VOUT3
30
7
22
16
1
11
5
3
10
28
20
29
13
18
12
27
26
9
PGND
AGND
14
L2
0.33uH
C8
22
μF x 2
VOUT2
(5A)
L3
0.33uH
C9
22
μF x 2
VOUT3
(5A)
4, 19, 31
23
24
VSELA
8
WDOG_RST
15
INT
25
Signal Output
C5
1
μF
C6
1
μF
I
2
C Signal
Signal Input
2 + 2 Phase
L1
0.33uH
RTQ2134
EN
RTN1
AVIN
LX1
VOUT1
PVIN1
PVIN2
PVIN3
PVIN4
LX2
LX4
RTN2
VOUT2
VIO
AVIN_FILT
SCL
SDA
VOUT1
(11A)
L4
0.33uH
1.5V to 5.5V
C7
22
μF x 4
1.8V
LX3
RTN3
VOUT3
11
5
3
10
28
20
29
13
18
12
27
26
9
PGND
AGND
14
L2
0.33uH
C8
22
μF x 4
VOUT2
(9A)
L3
0.33uH
4, 19, 31
23
24
VSELA
8
WDOG_RST
15
INT
25
Signal Output
C5
1
μF
C6
1
μF
C1
10
μF
VIN
3.3V to 5.5V
C2
10
μF
C3
10
μF
C4
10
μF
30
7
22
16
1
I
2
C Signal
Signal Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com