Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 10 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 10 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 11Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 12Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 13Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 14Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
10
during the LSFET on-time. Once the current rises
above the LSFET valley current limit (ILIM_L), the
on-time one-shot will be inhibited until the inductor
current ramps down to the current limit level (ILIM_L),
that is, another on-time can only be triggered when the
inductor current goes below the LSFET current limit. If
the output load current exceeds the available inductor
current (clamped by the LSFET current limit), the
output capacitor needs to supply the extra current so
that the output voltage will begin to drop. If it drops
below the output under-voltage protection trip threshold,
the IC will stop switching to avoid excessive heat.
Output Under-Voltage Protection
The RTQ2134 includes output under-voltage protection
(UVP) against over-load or short-circuited condition by
constantly monitoring the output voltage VOUT. If VOUT
drops below the under-voltage protection trip threshold
(typically 50% of the internal reference voltage), both
HSFET and LSFET will stop switching. Register
0x37[3], 0x38[3] and 0x39[3] can select hiccup or latch
protection behavior of each Buck converter when
converter is in UV condition. For hiccup behavior, both
HSFET and LSFET keep low state in a 1ms and then
IC starts to switch. If the output voltage is not greater
than UV threshold after internal soft-start end signal is
triggered, both HSFET and LSFET will still keep low
state again for next cycle. When each Buck is set to
latch mode, UVP will let converter enter shutdown
mode unless resetting IC by external EN pin or falling
to UVLO low threshold.
Over-Temperature Protection
The RTQ2134 includes an over-temperature protection
(OTP) circuitry to prevent overheating due to excessive
power dissipation. The OTP shuts down switching
operation
when
junction
temperature
exceeds
a
thermal shutdown threshold TSD. Once the junction
temperature cools down by a thermal shutdown
hysteresis (
TSD), the IC resumes normal operation
with a complete soft-start. It can select not to shut down
IC when OTP happens by using register 0x30[3].
Note that the over-temperature protection is intended to
protect
the
device
during
momentary
overload
conditions. The protection is activated outside of the
absolute maximum range of operation as a secondary
fail-safe and therefore should not be relied upon
operationally.
Continuous
operation
above
the
specified
absolute
maximum
operating
junction
temperature
may
impair
device
reliability
or
permanently damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com