Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 5 Page - Richtek Technology Corporation

  VCTA25201B-R33MS6 Datasheet HTML 1Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 2Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 3Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 4Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
5
Functional Block Diagram
DAC
Digital Logic
I2C Buffer
Interrupts
Interface
Enable & VSELA
Logic
Oscillator
UVLO Protection
Thermal Protection
Voltage/Current
Reference
Core
Control
AVIN
AVIN_FILT
VIO
LX1
LX2
LX3
LX4
PGND
AGND
VOUTx
RTNx
Watchdog
Logic
WDOG_RST
INT
Regulators
EN
VSELA
SDA
SCL
Buck 1
Voltage/Current
Protection
Current Sensing
Buck 2
Voltage/Current
Protection
Current Sensing
Buck 3
Voltage/Current
Protection
Current Sensing
Buck 4
Voltage/Current
Protection
Current Sensing
PVINx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com