Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  VCTA25201B-R33MS6 Datasheet HTML 1Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 2Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 3Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 4Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
2
Ordering Information
Part Number
I
2C
Address
Default VOUT and Delay Time
Lead Plating
System
Package Type
Grade
Program to 2 + 1 + 1 phase operation
RTQ2134GQWTF-21-QA-00
0x18
(1) VOUTx = 1V
(2) No Enable/Disable delay time
G : Green
(Halogen Free
and Pb Free)
QWTF :
WET-WQFN-30L
4.5x5 (FC)
(W-Type)
QA :
AEC-Q100
Qualified and
Screened by
High
Temperature
RTQ2134GQWTF-21-QA-01
0x18
(1) VOUTx = 1V
(2) Enable delay time : VOUT1/2/3 = 0/4/4ms
(3) Disable delay time : VOUT1/2/3 = 4/0/0ms
RTQ2134GQWTF-21-QA-02
0x19
(1) VOUTx = 1V
(2) No Enable/Disable delay time
RTQ2134GQWTF-21-QA-03
0x18
(1) VOUT1/2/3 = 0.75V/1.125V/0.6V
(2) Enable delay time : VOUT1/2/3 = 3/2/8ms
(3) Disable delay time : VOUT1/2/3 = 4/8/0ms
Program to 2 + 2 phase operation
RTQ2134GQWTF-22-QA-00
0x18
(1) VOUTx = 1V
(2) No Enable/Disable delay time
G : Green
(Halogen Free
and Pb Free)
QWTF :
WET-WQFN-30L
4.5x5 (FC)
(W-Type)
QA :
AEC-Q100
Qualified and
Screened by
High
Temperature
RTQ2134GQWTF-22-QA-01
0x18
(1) VOUTx = 1V
(2) Enable delay time : VOUT1/2 = 4/0ms
(3) Disable delay time : VOUT1/2 = 0/4ms
RTQ2134GQWTF-22-QA-02
0x18
(1) VOUTx = 1V
(2) Enable delay time : VOUT1/2 = 3/0ms
(3) Disable delay time : VOUT1/2 = 0/3ms
RTQ2134GQWTF-22-QA-03
0x18
(1) VOUT1/2 = 1.15V/1.06V
(2) No Enable/Disable delay time
RTQ2134GQWTF-22-QA-N0
0x18
(1) VOUT1 = 1V, VOUT2 = Disable
(2) No Enable/Disable delay time
RTQ2134GQWTF-22-QA-N1
0x19
(1) VOUTx = 1V
(2) No Enable/Disable delay time
Note :
Richtek products are :
RoHS compliant and compatible with the current requirements of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com