Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 24 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 24 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 20Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 21Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 22Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 23Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 24Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 25Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 26Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 27Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 28Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
24
I2C Interface
The RTQ2134 I2C slave address = 7
’b0011000 (Changed by Factory Setting). The RTQ2134 supports fast mode
(bit rate up to 400kb/s). The write or read bit stream (N ≥ 1) is shown in Figure 11.
S
0
1
A
P
LSB
MSB
A
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
A
Data for Address = m + 1
S
0
P
Assume Address = m
Data for Address = m
Data for Address = m + N - 1
Data for Address = m + 1
Sr
Slave Address
Register Address
Slave Address
Data 1
R/W
R/W
Data N
LSB
MSB
A
A
A
A
A
A
A
A
Read N bytes from RTQ2134
LSB
MSB
Data 2
Data N
LSB
MSB
LSB
Slave Address
Register Address
Data 1
Data 2
MSB
MSB
LSB
Write N bytes to RTQ2134
Driven by Master,
Driven by Slave (RTQ2134),
Start,
Repeat Start
Stop,
S
Sr
P
SDA
SCL
tF
tLOW
tHD,STA
tHD,DAT
tHIGH
tSU,DAT
tSU,STA
tHD,STA
tSP
tBUF
tSU,STO
P
S
tR
Sr
S
tF
tR
Figure 11. I2C Read and Write Stream and Timing Diagram
The RTQ2134 also supports High-speed mode (bit rate
up to 3.4Mb/s) with access code 08H. Figure 12 and
Figure 13 show detailed transfer format. Hs-mode can
only start after the following conditions (all of which are
in F/S-mode) :
 START condition (S)
 8-bit master code (00001xxx)
 not-acknowledge bit ( A )
S
Master Code
A
Sr
R/W
A
Data
A/A
Hs-Mode
Continues
F/S-Mode
Hs-Mode (current-source for SCLH enabled
F/S-Mode
P
N bytes + ack.
Slave ADD.
Sr
Slave ADD.
Figure 12. Data Transfer Format in Hs-mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com