Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 33 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 33 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 29Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 30Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 31Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 32Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 33Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 34Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 35Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 36Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 37Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
DSQ2134-QA-02
May
2022
www.richtek.com
33
Register
Address
0x22
Register
Name
IO_I2CCFG
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
1
1
0
0
0
Read/Write
R
R
R
R
R
R
R
R
Bits
Name
Description
Bit 7
Reserved
Reserved bits
Bit 6 to Bit 0
IO_I2CADDR
IO_I2CADDR
Register
Address
0x25
Register
Name
IO_RSTDVS
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
0
0
0
0
0
0
0
0
Read/Write
R
RW
RW
RW
R
RW
RW
RW
Bits
Name
Description
Bit 7 and Bit 3
Reserved
Reserved bits
Bit 6
IO_RSTDVS
Enable/disable Buck3 watchdog reset function to default voltage when
WDOG_RST pin is pulled low.
1 : Enable
0 : Disable
Bit 5
Enable/disable Buck2 watchdog reset function to default voltage when
WDOG_RST pin is pulled low.
1 : Enable
0 : Disable
Bit 4
Enable/disable Buck1 watchdog reset function to default voltage when
WDOG_RST pin is pulled low.
1 : Enable
0 : Disable
Bit 2 to Bit 0
IO_DBNTIME
Watchdog Debounce Time
000 : 0ms (Default)
100 : 12.5ms
001 : 1.56ms
101 : 9ms
010 : 3.125ms
110 : 15.25ms
011 : 6.25ms
111 : 14.5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com