Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VCTA25201B-R33MS6 Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # VCTA25201B-R33MS6
Description  2.1MHz, 20A Multi-Phase Step-Down Converter with I2C Interface
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

VCTA25201B-R33MS6 Datasheet(HTML) 6 Page - Richtek Technology Corporation

Back Button VCTA25201B-R33MS6 Datasheet HTML 2Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 3Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 4Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 5Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 6Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 7Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 8Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 9Page - Richtek Technology Corporation VCTA25201B-R33MS6 Datasheet HTML 10Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
RTQ2134-QA
Copyright © 2022 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
www.richtek.com
DSQ2134-QA-02
May
2022
6
Operation
The RTQ2134 is a power management IC that
integrates four high efficiency Buck converters, and is
capable of providing multiphase or single phase
operation. Each of the four converters provides up to
5.5A of maximum output current over an input supply
voltage range of 3.3V to 6V.
The
RTQ2134
utilizes
the
proprietary
Advanced
Constant On-Time (ACOT® ) control architecture. The
ultrafast ACOT® control enables the use of small
ceramic capacitors (MLCC) to save the PCB size.
During normal operation, the internal high-side power
switch (HSFET) is turned on for a fixed interval
determined by a one-shot timer at the beginning of each
clock cycle. When the HSFET is turned off, the internal
low-side power switch (LSFET) is turned on. The output
voltage is sensed remotely at VOUTx and RTNx for high
accuracy and is compared to an internal reference
voltage. Hence, the error signal is obtained and
internally compensated. The compensated error signal
is then compared to an internal ramp signal. When the
minimum off-time one-shot (100ns, max.) has timed out
and the inductor current is below the current-limit
threshold, the one-shot is triggered again if the internal
ramp signal falls below the compensated error signal.
The ACOT®
control architecture features ultrafast
transient response. When a load is suddenly increased,
the output voltage drops quickly, and triggers a new
on-time to rise inductor current again.
Dynamic Voltage Scaling (DVS)
The RTQ2134 provides wide output voltage range with
8-bit resolution and each Buck converter has two
independently programmable voltage setting. They are
called DVS0 and DVS1. Take Buck1 as two-phase
configuration for example, register 0x48[8:0] can set
voltage of DVS0 while 0x4A[8:0] is used to set voltage
of DVS1. There are two methods to select the DVS. For
the first method, it can be changed by software from
register
0x52[1:0].
Control
DVS0
by
setting
0x52[1:0]=00 and DVS1 by setting 0x52[1:0]=01. For
the second method, selecting the DVS can be from
external hardware pin when setting 0x52[1:0]=10.
VSELA pin can be this role and its polarity is defined by
0x52[2]. When setting 0x52[2]=0, pull VSELA high to
put DVS0 in use and pull VSELA low to put DVS1 in
use. Conversely, when setting 0x52[2]=1, pull VSELA
high to put DVS1 in use and pull VSELA low to put
DVS0 in use.
The RTQ2134 also supports DVS speed configuration,
whether the slew rate of voltage changes in the same
DVSx or between DVS0 and DVS1. Take Buck1 as
two-phase configuration for example, when output
voltage is set from low to high or high to low, register
0x54[6:4] defines slew rate of DVS up while 0x54[2:0]
is used to define slew rate of DVS down. In order to
have better performance during voltage changing
operation, the master/slave enters PWM operation and
keeps 200
s after the voltage achieves target even
when IC is set to Auto mode. Figure 1 and Figure 2
show the DVS up and down operation.
Command
Master
Switch
VOUT
Target Voltage
5%
Intial Voltage
95%
Slave
Switch
200
μs
DVS Up Slew Rate
Register Setting
Figure 1. DVS Up Operation
Command
Master
Switch
VOUT
Target Voltage
5%
Intial Voltage
95%
Slave
Switch
200
μs
DVS Down Slew Rate
Register Setting
Figure 2. DVS Down Operatio
n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com